PART |
Description |
Maker |
BC327-16 BC327-25 |
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
|
Siemens Semiconductor G...
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
BDP947 BDP949 Q62702-D1337 Q62702-D1335 |
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain) From old datasheet system
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BDP948 BDP950 Q62702-D1338 Q62702-D1336 |
From old datasheet system PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] SIEMENS A G
|
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
2PB709AW 2PB709AQW 2PB709ASW 2PB709ARW |
High collector current (max. 100 mA). Low collector-emitter saturation voltage (max. 500 mV).
|
TY Semiconductor Co., Ltd
|
2SD2403 |
High current capacitance. Low collector saturation voltage.Collector-base voltage VCBO 80 V
|
TY Semiconductor Co., Ltd
|
BC808-16W BC808-25W BC808-40W BC807-16W Q62702-C23 |
SH-Tiny Series, 7125 Group, Two ADC circuits, 6-ch 16-bit MTU2, Port Output Enable, 2-ch CMT, UBC, 15 mA IO -; Vcc= 4.5 to 5.5 volts, Temp= -20 to 85 C; Package: PVQN0052LE-A PNP Silicon AF Transistor (For general AF applications High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
2SB920 |
High Collector Current:IC= -5A
|
Inchange Semiconductor ...
|
KC817-25 |
For general AF applications, High collector current
|
TY Semiconductor Co., Ltd
|